Part Number Hot Search : 
OMSTS PSB21 LY6264RL ELECT GC140BR RF637 40105 EML17
Product Description
Full Text Search
 

To Download BD537 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
BD533/535/537
DESCRIPTION With TO-220C package Complement to type BD534/536/538 Low saturation voltage APPLICATIONS For medium power linear and switching applications
PINNING PIN 1 2 3 Base Collector;connected to mounting base Emitter DESCRIPTION
Absolute maximum ratings (Ta=25ae )
SYMBOL PARAMETER

VCBO
VCEO
CHA IN
Emitter-base voltage Collector current Emitter current Base current
Collector-base voltage
GE S N
BD535 BD537 BD533 BD535 BD537
BD533
Open emitter
EMIC
CONDITIONS
OND
TOR UC
VALUE 45 60 80 45
UNIT
V
Collector-emitter voltage
Open base
60 80
V
VEBO IC IE IB PC Tj Tstg
Open collector
5 8 8 1
V A A A W ae ae
Collector power dissipation Junction temperature Storage temperature
TC=25ae
50 150 -65~150
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
BD533/535/537
CHARACTERISTICS
Tj=25ae unless otherwise specified PARAMETER Collector-emitter saturation voltage Collector-emitter saturation voltage Base-emitter on voltage BD533 ICBO Collector cut-off current BD535 BD537 BD533 ICES Collector cut-off current BD535 BD537 IEBO Emitter cut-off current CONDITIONS IC=2 A;IB=0.2 A IC=6 A;IB=0.6 A IC=2A ; VCE=2V VCB=45V; IE=0 VCB=60V; IE=0 VCB=80V; IE=0 VCE=45V; VBE=0 VCE=60V; VBE=0 VCE=80V; VBE=0 VEB=5V; IC=0 20 IC=10mA ; VCE=5V 0.1 mA 0.1 mA 0.8 1.5 MIN TYP. MAX 0.8 UNIT V V V SYMBOL VCEsat-1 VCEsat-2 VBE
hFE-1
DC current gain

BD533/535
BD537
hFE-2
DC current gain DC current gain (All device)
hFE-3
hFE-4
DC current gain (All device)
INCH
GE S AN
Group: J Group: K Group: J Group: K
IC=0.5A ; VCE=2V
IC=2A ; VCE=2V
EMIC
OND
15 40 30 40 15
TOR UC
75 100
1
mA
IC=3A ; VCE=2V 20 IC=0.5A ; VCE=1V 3 12 MHz
fT
Transition frequency
2
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
PACKAGE OUTLINE
BD533/535/537
SEM GE
HAN INC
OND IC
TOR UC
Fig.2 Outline dimensions (unindicated tolerance:A
0.10 mm)
3


▲Up To Search▲   

 
Price & Availability of BD537

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X